Part Number Hot Search : 
K4H561 1N6169E3 PHC15 37100 TB220S SOA06 M57729H PHC15
Product Description
Full Text Search
 

To Download T2800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  eu ^zml-donduckoi lpioducti, one. j 20 stern ave. springfield, new jersey 07081 u.s.a. triacs bidirectional triode thyristors ... designed primarily for full-wave ac control applications, such as light dimmers, motor controls, heating controls and power supplies. ? blocking voltage to 600 volts ? all diffused and glass passivated junctions for greater parameter uniformity and stability ? small, rugged, thermowatt construction for low thermal resistance, high heat dissipation and durability ? T2800 ?four quadrant gating telephone: (973) 376-2922 T2800 triacs 8 amperes rms 200 thru 600 volts mt20- w 6 -o mt1 (to-220ab) maximum ratings (tj = 25"c unless otherwise noted.; rating peak repetitive off-state voltagec1) (tj = -40 to +100c, gate open) T2800 b d m rms on-state current (tc = +80"c) (conduction angle = 360) peak non-repetitive surge current (one full cycle, 60 hz, tj = +80c) circuit fusing (t = 8.3 ms) peak gate power (pulse width = 1 u.s) average gate power peak gate trigger current (pulse width = 1 us) operating junction temperature range storage temperature range symbol vdrm it(rms) !tsm |2t pgm pg(av) 'gtm tj tstg value 200 400 600 8 100 40 16 0.35 4 -40 to +100 -40 to +150 unit volts amps amps a2s watts watt amps c c thermal characteristics characteristic thermal resistance, junction to case symbol rsjc max 2.2 unit c/w 1 vqrm for all types can be applied on a continuous basis. blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded. nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to.be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
T2800 series electrical characteristics (tc = 25"c unless otherwise noted.) characteristic peak blocking current (vd = rated vdrm. gate open) tc = 25c tc = 100c peak on-state voltage (either direction)* (ij = 30 a peak) gate trigger current (continuous dc) (vd = 12 vdc, r|_ = 12 ohms) mt2(+), g(+) T2800 mt2(+), g(-) T2800 mt2(-), g(-) T2800 mt2(-), g(+) T2800 gate trigger voltage (continuous dc) (all polarities) (vd = 12 vdc, rl = 100 ohms) (r|_ = 125 ohms, vd = vdrm. tc = 100c) holding current (either direction) (vd = 12 vdc, gate open) T2800 gate controlled turn-on time (vd = rated vdrm. it = 10 a- 'gt = 80 ma, rise time = 0.1 us) critical rate-of-rise of commutation voltage (vd = rated vdrm. 't(rms) = 8 a, commutating di/dt = 4.1 a/ms, gate unenergized, tc = 80"c) critical rate-of-rise of off-state voltage (vd = rated vdrm. exponential voltage rise, gate open, tc = 100 c) T2800 b d m symbol 'drm vtm igt vgt ih


▲Up To Search▲   

 
Price & Availability of T2800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X